Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10HSI-S008-R0-C Datasheet(PDF) 18 Page - Hirose Electric

Part # 10HSI-S008-R0-C
Description  IT3 Mezzanine Connector (32mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

10HSI-S008-R0-C Datasheet(HTML) 18 Page - Hirose Electric

Back Button 10HSI-S008-R0-C Datasheet HTML 14Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 15Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 16Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 17Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 18Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 19Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 20Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 21Page - Hirose Electric 10HSI-S008-R0-C Datasheet HTML 22Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Signal Integrity Report – IT3 (32mm)
Page 18
Figure 25 Top and side views of via transition with PCB routed on layer 16
Figure 26 SDD for center pair 8 of via transition with routing on layer 16
3.1.3 S parameters (vias + connector + vias)
Figure 27 and Figure 32 show the SDD response (i.e., insertion loss, return loss, NEXT, and
FEXT) for pair 8 and pair 4 for 100% and 50% pin density configuration of the cascaded
vias/connector/vias with PCB routing in the 16th layer for both via transitions. All PCB traces
coming out from the vias have been matched to 10.507mm. The results at various frequencies of
interest are summarized in Table 5 and Table 6 for 100% and 50% pin density configuration
respectively. Figure 28 - Figure 31 and Figure 33 - Figure 36 show the power sum and insertion-to-
crosstalk ratio (ICR) profile comparison with the IEEE802.3ap spec of NEXT and FEXT for the
different pin density configurations.
3.1.3.1 Fully populated pin assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com