Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 59 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 55Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 56Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 57Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 58Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 59Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 60Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 61Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 62Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 126 page
background image
M24LR64-R
M24LR64-R states
Doc ID 15170 Rev 9
59/126
17
M24LR64-R states
An M24LR64-R can be in one of 4 states:
●
Power-off
●
Ready
●
Quiet
●
Selected
Transitions between these states are specified in Figure 49: M24LR64-R state transition
diagram and Table 22: M24LR64-R response depending on Request_flags.
17.1
Power-off state
The M24LR64-R is in the Power-off state when it does not receive enough energy from the
VCD.
17.2
Ready state
The M24LR64-R is in the Ready state when it receives enough energy from the VCD. When
in the Ready state, the M24LR64-R answers any request where the Select_flag is not set.
17.3
Quiet state
When in the Quiet state, the M24LR64-R answers any request except for Inventory requests
with the Address_flag set.
17.4
Selected state
In the Selected state, the M24LR64-R answers any request in all modes (see Section 18:
Modes):
●
Request in Select mode with the Select_flag set
●
Request in Addressed mode if the UID matches
●
Request in Non-Addressed mode as it is the mode for general requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com