Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 36Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 37Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 38Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 39Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 40Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 41Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 42Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 43Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
Communication signal from VCD to M24LR64-R
M24LR64-R
40/126
Doc ID 15170 Rev 9
Figure 15. 10% modulation waveform
Table 16.
10% modulation parameters
Symbol
Parameter definition
Value
hr
0.1 x (a – b)
max
hf
0.1 x (a – b)
max
The VICC shall be operational for any value of modulation index between 10 % and 30 %.
Min
6,0 µs
t2
3,0 µs
t3
0
Max
9,44 µs
t1
4,5 µs
Modulation
Index
t1
10%
30%
hf, hr
0,1 (a-b) max
y
0,05 (a-b)
t1
t2
hf
y
hr
t3
t
y
a
b
Carrier
Amplitude
Min
6,0 µs
t2
3,0 µs
t3
0
Max
9,44 µs
t1
4,5 µs
Modulation
Index
t1
10%
30%
Min
6,0 µs
t2
3,0 µs
t3
0
Max
9,44 µs
t1
4,5 µs
Modulation
Index
t1
10%
30%
hf, hr
0,1 (a-b) max
y
0,05 (a-b)
hf, hr
0,1 (a-b) max
y
0,05 (a-b)
t1
t2
hf
y
hr
t3
t
y
a
b
Carrier
Amplitude
ai15794



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com