Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 36 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 32Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 33Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 34Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 35Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 36Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 37Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 38Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 39Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
User memory initial state
M24LR64-R
36/126
Doc ID 15170 Rev 9
6
User memory initial state
The device is delivered with all bits in the user memory array set to 1 (each byte contains
FFh).
7
RF device operation
The M24LR64-R is divided into 64 sectors of 32 blocks of 32 bits as shown in Table 5. Each
sector can be individually read- and/or write-protected using a specific lock or password
command.
Read and Write operations are possible if the addressed block is not protected. During a
Write, the 32 bits of the block are replaced by the new 32-bit value.
The M24LR64-R also has a 64-bit block that is used to store the 64-bit unique identifier
(UID). The UID is compliant with the ISO 15963 description, and its value is used during the
anticollision sequence (Inventory). This block is not accessible by the user and its value is
written by ST on the production line.
The M24LR64-R also includes an AFI register in which the application family identifier is
stored, and a DSFID register in which the data storage family identifier used in the
anticollision algorithm is stored. The M24LR64-R has three additional 32-bit blocks in which
the password codes are stored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com