Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 61 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 57Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 58Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 59Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 60Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 61Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 62Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 63Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 64Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 126 page
background image
M24LR64-R
Modes
Doc ID 15170 Rev 9
61/126
18
Modes
The term “mode” refers to the mechanism used in a request to specify the set of M24LR64-
Rs that will answer the request.
18.1
Addressed mode
When the Address_flag is set to 1 (Addressed mode), the request contains the Unique ID
(UID) of the addressed M24LR64-R.
Any M24LR64-R that receives a request with the Address_flag set to 1 compares the
received Unique ID to its own. If it matches, then the M24LR64-R executes the request (if
possible) and returns a response to the VCD as specified in the command description.
If the UID does not match, then it remains silent.
18.2
Non-addressed mode (general request)
When the Address_flag is cleared to 0 (Non-Addressed mode), the request does not contain
a Unique ID. Any M24LR64-R receiving a request with the Address_flag cleared to 0
executes it and returns a response to the VCD as specified in the command description.
18.3
Select mode
When the Select_flag is set to 1 (Select mode), the request does not contain an M24LR64-
R Unique ID. The M24LR64-R in the Selected state that receives a request with the
Select_flag set to 1 executes it and returns a response to the VCD as specified in the
command description.
Only M24LR64-Rs in the Selected state answer a request where the Select_flag set to 1.
The system design ensures in theory that only one M24LR64-R can be in the Select state at
a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com