Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 68 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 64Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 65Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 66Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 67Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 68Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 69Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 70Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 71Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 126 page
background image
Request processing by the M24LR64-R
M24LR64-R
68/126
Doc ID 15170 Rev 9
22
Request processing by the M24LR64-R
Upon reception of a valid request, the M24LR64-R performs the following algorithm:
●
NbS is the total number of slots (1 or 16)
●
SN is the current slot number (0 to 15)
●
LSB (value, n) function returns the n Less Significant Bits of value
●
MSB (value, n) function returns the n Most Significant Bits of value
●
“&” is the concatenation operator
●
Slot_Frame is either an SOF or an EOF
SN = 0
if (Nb_slots_flag)
then NbS = 1
SN_length = 0
endif
else NbS = 16
SN_length = 4
endif
label1:
if LSB(UID, SN_length + Mask_length) =
LSB(SN,SN_length)&LSB(Mask,Mask_length)
then answer to inventory request
endif
wait (Slot_Frame)
if Slot_Frame = SOF
then Stop Anticollision
decode/process request
exit
endif
if Slot_Frame = EOF
if SN < NbS-1
then SN = SN + 1
goto label1
exit
endif
endif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com