Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 42 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 38Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 39Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 40Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 41Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 42Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 43Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 44Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 45Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 126 page
background image
Data rate and data coding
M24LR64-R
42/126
Doc ID 15170 Rev 9
Figure 17.
Detail of a time period
9.2
Data coding mode: 1 out of 4
The value of 2 bits is represented by the position of one pause. The position of the pause on
1 of 4 successive time periods of 18.88 µs (256/fC), determines the value of the 2 bits. Four
successive pairs of bits form a byte, where the least significant pair of bits is transmitted first.
In this case the transmission of one byte takes 302.08 µs and the resulting data rate is 26.48
Kbits/s (fC/512). Figure 18 illustrates the 1 out of 4 pulse position technique and coding.
Figure 19 shows the transmission of E1h (225d - 1110 0001b) by the VCD.
AI06657
2
2
5
18.88 µs
9.44 µs
Pulse
Modulated
Carrier
2
2
6
2
2
4
.
.
.
.
.
.
.
.
.
.
.
.
.
.
Time Period
one of 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com