Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 48 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 44Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 45Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 46Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 47Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 48Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 49Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 50Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 51Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 126 page
background image
Bit representation and coding
M24LR64-R
48/126
Doc ID 15170 Rev 9
11.1.2
Low data rate
A logic 0 starts with 32 pulses at 423.75 kHz (fC/32) followed by an unmodulated time of
75.52 µs as shown in Figure 27.
Figure 27.
Logic 0, low data rate
For the Fast commands, a logic 0 starts with 16 pulses at 423.75 kHz (fC/32) followed by an
unmodulated time of 37.76 µs as shown in Figure 28.
Figure 28.
Logic 0, low data rate x2
A logic 1 starts with an unmodulated time of 75.52 µs followed by 32 pulses at 423.75 kHz
(fC/32) as shown in Figure 29.
Figure 29.
Logic 1, low data rate
For the Fast commands, a logic 1 starts with an unmodulated time of 37.76 µs followed by
16 pulses at 423.75 kHz (fC/32) as shown in Figure 29.
Figure 30.
Logic 1, low data rate x2
151.04µs
ai12068
75.52µs
ai12069
151.04µs
ai12070
75.52µs
ai12071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com