Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 71 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 67Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 68Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 69Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 70Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 71Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 72Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 73Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 74Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 126 page
background image
M24LR64-R
Inventory Initiated command
Doc ID 15170 Rev 9
71/126
24
Inventory Initiated command
The M24LR64-R provides a special feature to improve the inventory time response of
moving tags using the Initiate_flag value. This flag, controlled by the Initiate command,
allows tags to answer to Inventory Initiated commands.
For applications in which multiple tags are moving in front of a reader, it is possible to miss
tags using the standard inventory command. The reason is that the inventory sequence has
to be performed on a global tree search. For example, a tag with a particular UID value may
have to wait the run of a long tree search before being inventoried. If the delay is too long,
the tag may be out of the field before it has been detected.
Using the Initiate command, the inventory sequence is optimized. When multiple tags are
moving in front of a reader, the ones which are within the reader field will be initiated by the
Initiate command. In this case, a small batch of tags will answer to the Inventory Initiated
command which will optimize the time necessary to identify all the tags. When finished, the
reader has to issue a new Initiate command in order to initiate a new small batch of tags
which are new inside the reader field.
It is also possible to reduce the inventory sequence time using the Fast Initiate and Fast
Inventory Initiated commands. These commands allow the M24LR64-Rs to increase their
response data rate by a factor of 2, up to 53 Kbit/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com