Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 49 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 45Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 46Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 47Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 48Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 49Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 50Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 51Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 52Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
M24LR64-R
Bit representation and coding
Doc ID 15170 Rev 9
49/126
11.2
Bit coding using two subcarriers
11.3
High data rate
A logic 0 starts with 8 pulses at 423.75 kHz (fC/32) followed by 9 pulses at 484.28 kHz
(fC/28) as shown in Figure 31. For the Fast commands, the x2 mode is not available.
Figure 31.
Logic 0, high data rate
A logic 1 starts with 9 pulses at 484.28 kHz (fC/28) followed by 8 pulses at 423.75 kHz
(fC/32) as shown in Figure 32. For the Fast commands, the x2 mode is not available.
Figure 32.
Logic 1, high data rate
11.4
Low data rate
A logic 0 starts with 32 pulses at 423.75 kHz (fC/32) followed by 36 pulses at 484.28 kHz
(fC/28) as shown in Figure 33. For the Fast commands, the x2 mode is not available.
Figure 33.
Logic 0, low data rate
A logic 1 starts with 36 pulses at 484.28 kHz (fC/28) followed by 32 pulses at 423.75 kHz
(fC/32) as shown in Figure 34. For the Fast commands, the x2 mode is not available.
Figure 34.
Logic 1, low data rate
37.46µs
ai12074
37.46µs
ai12073
149.84µs
ai12072
149.84µs
ai12075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com