Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 66 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 62Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 63Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 64Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 65Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 66Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 67Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 68Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 69Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 126 page
background image
Anticollision
M24LR64-R
66/126
Doc ID 15170 Rev 9
21
Anticollision
The purpose of the anticollision sequence is to inventory the M24LR64-Rs present in the
VCD field using their unique ID (UID).
The VCD is the master of communications with one or several M24LR64-Rs. It initiates
M24LR64-R communication by issuing the Inventory request.
The M24LR64-R sends its response in the determined slot or does not respond.
21.1
Request parameters
When issuing the Inventory Command, the VCD:
●
sets the Nb_slots_flag as desired
●
adds the mask length and the mask value after the command field
●
The mask length is the number of significant bits of the mask value.
●
The mask value is contained in an integer number of bytes. The mask length indicates
the number of significant bits. LSB is transmitted first
●
If the mask length is not a multiple of 8 (bits), as many 0-bits as required will be added
to the mask value MSB so that the mask value is contained in an integer number of
bytes
●
The next field starts at the next byte boundary.
In the example of the Table 31 and Figure 50, the mask length is 11 bits. Five 0-bits are
added to the mask value MSB. The 11-bit Mask and the current slot number are compared
to the UID.
Table 30.
Inventory request format
MSB
LSB
SOF
Request_
flags
Command
Optional
AFI
Mask
length
Mask value
CRC
EOF
8 bits
8 bits
8 bits
8 bits
0 to 8 bytes
16 bits
Table 31.
Example of the addition of 0-bits to an 11-bit mask value
(b15) MSB
LSB (b0)
0000 0
100 1100 1111
0-bits added
11-bit mask value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com