Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 50 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 46Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 47Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 48Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 49Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 50Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 51Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 52Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 53Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 126 page
background image
M24LR64-R to VCD frames
M24LR64-R
50/126
Doc ID 15170 Rev 9
12
M24LR64-R to VCD frames
Frames are delimited by an SOF and an EOF. They are implemented using code violation.
Unused options are reserved for future use. For the low data rate, the same subcarrier
frequency or frequencies is/are used. In this case the number of pulses is multiplied by 4.
For the Fast commands using one subcarrier, all pulse numbers and times are divided by 2.
12.1
SOF when using one subcarrier
12.2
High data rate
The SOF includes an unmodulated time of 56.64 µs, followed by 24 pulses at 423.75 kHz
(fC/32), and a logic 1 that consists of an unmodulated time of 18.88 µs followed by 8 pulses
at 423.75 kHz as shown in Figure 35.
Figure 35.
Start of frame, high data rate, one subcarrier
For the Fast commands, the SOF comprises an unmodulated time of 28.32 µs, followed by
12 pulses at 423.75 kHz (fC/32), and a logic 1 that consists of an unmodulated time of
9.44µs followed by 4 pulses at 423.75 kHz as shown in Figure 36.
Figure 36.
Start of frame, high data rate, one subcarrier x2
12.3
Low data rate
The SOF comprises an unmodulated time of 226.56 µs, followed by 96 pulses at 423.75 kHz
(fC/32), and a logic 1 that consists of an unmodulated time of 75.52 µs followed by 32 pulses
at 423.75 kHz as shown in Figure 37.
Figure 37.
Start of frame, low data rate, one subcarrier
113.28µs
ai12078
37.76µs
56.64µs
ai12079
18.88µs
453.12µs
ai12080
151.04µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com