Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 33Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 34Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 35Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 36Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 37Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 38Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 39Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 40Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 126 page
background image
M24LR64-R
RF device operation
Doc ID 15170 Rev 9
37/126
7.1
Commands
The M24LR64-R supports the following commands:
●
Inventory, used to perform the anticollision sequence.
●
Stay Quiet, used to put the M24LR64-R in quiet mode, where it does not respond to
any inventory command.
●
Select, used to select the M24LR64-R. After this command, the M24LR64-R
processes all Read/Write commands with Select_flag set.
●
Reset To Ready, used to put the M24LR64-R in the ready state.
●
Read Block, used to output the 32 bits of the selected block and its locking status.
●
Write Block, used to write the 32-bit value in the selected block, provided that it is not
locked.
●
Read Multiple Blocks, used to read the selected blocks and send back their value.
●
Write AFI, used to write the 8-bit value in the AFI register.
●
Lock AFI, used to lock the AFI register.
●
Write DSFID, used to write the 8-bit value in the DSFID register.
●
Lock DSFID, used to lock the DSFID register.
●
Get System Info, used to provide the system information value
●
Get Multiple Block Security Status, used to send the security status of the selected
block.
●
Initiate, used to trigger the tag response to the Inventory Initiated sequence.
●
Inventory Initiated, used to perform the anticollision sequence triggered by the Initiate
command.
●
Write-sector Password, used to write the 32 bits of the selected password.
●
Lock-sector Password, used to write the Sector security status bits of the selected
sector.
●
Present-sector Password, enables the user to present a password to unprotect the
user blocks linked to this password.
●
Fast Initiate, used to trigger the tag response to the Inventory Initiated sequence.
●
Fast Inventory Initiated, used to perform the anticollision sequence triggered by the
Initiate command.
●
Fast Read Single Block, used to output the 32 bits of the selected block and its
locking status.
●
Fast Read Multiple Blocks, used to read the selected blocks and send back their
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com