Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 47 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 43Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 44Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 45Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 46Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 47Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 48Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 49Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 50Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 126 page
background image
M24LR64-R
Bit representation and coding
Doc ID 15170 Rev 9
47/126
11
Bit representation and coding
Data bits are encoded using Manchester coding, according to the following schemes. For
the low data rate, same subcarrier frequency or frequencies is/are used, in this case the
number of pulses is multiplied by 4 and all times will increase by this factor. For the Fast
commands using one subcarrier, all pulse numbers and times are divided by 2.
11.1
Bit coding using one subcarrier
11.1.1
High data rate
A logic 0 starts with 8 pulses at 423.75 kHz (fC/32) followed by an unmodulated time of
18.88 µs as shown in Figure 23.
Figure 23.
Logic 0, high data rate
For the fast commands, a logic 0 starts with 4 pulses at 423.75 kHz (fC/32) followed by an
unmodulated time of 9.44 µs as shown in Figure 24.
Figure 24.
Logic 0, high data rate x2
A logic 1 starts with an unmodulated time of 18.88 µs followed by 8 pulses at 423.75 kHz
(fC/32) as shown in Figure 25.
Figure 25.
Logic 1, high data rate
For the Fast commands, a logic 1 starts with an unmodulated time of 9.44 µs followed by 4
pulses of 423.75 kHz (fC/32) as shown in Figure 26.
Figure 26.
Logic 1, high data rate x2
37.76µs
ai12076
18.88µs
ai12066
37.76µs
ai12077
18.88µs
ai12067



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com