Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 40Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 41Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 42Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 43Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 44Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 45Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 46Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 47Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 126 page
background image
Data rate and data coding
M24LR64-R
44/126
Doc ID 15170 Rev 9
9.3
VCD to M24LR64-R frames
Frames are delimited by a start of frame (SOF) and an end of frame (EOF). They are
implemented using code violation. Unused options are reserved for future use.
The M24LR64-R is ready to receive a new command frame from the VCD 311.5 µs (t2) after
sending a response frame to the VCD.
The M24LR64-R takes a power-up time of 0.1 ms after being activated by the powering field.
After this delay, the M24LR64-R is ready to receive a command frame from the VCD.
9.4
Start of frame (SOF)
The SOF defines the data coding mode the VCD is to use for the following command frame.
The SOF sequence described in Figure 20 selects the 1 out of 256 data coding mode. The
SOF sequence described in Figure 21 selects the 1 out of 4 data coding mode. The EOF
sequence for either coding mode is described in Figure 22.
Figure 20.
SOF to select 1 out of 256 data coding mode
Figure 21.
SOF to select 1 out of 4 data coding mode
AI06661
37.76µs
9.44µs
9.44µs
37.76µs
AI06660
37.76µs
9.44µs
9.44µs
37.76µs
9.44µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com