Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 62 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 58Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 59Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 60Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 61Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 62Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 63Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 64Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 65Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 126 page
background image
Request format
M24LR64-R
62/126
Doc ID 15170 Rev 9
19
Request format
The request consists of:
●
an SOF
●
flags
●
a command code
●
parameters and data
●
a CRC
●
an EOF
19.1
Request flags
In a request, the “flags” field specifies the actions to be performed by the M24LR64-R and
whether corresponding fields are present or not.
The flags field consists of eight bits. The bit 3 (Inventory_flag) of the request flag defines the
contents of the 4 MSBs (bits 5 to 8). When bit 3 is reset (0), bits 5 to 8 define the M24LR64-
R selection criteria. When bit 3 is set (1), bits 5 to 8 define the M24LR64-R Inventory
parameters.
Table 23.
General request format
S
O
F
Request_flags
Command code
Parameters
Data
CRC
E
O
F
Table 24.
Definition of request flags 1 to 4
Bit No
Flag
Level
Description
Bit 1
Subcarrier_flag(1)
1.
Subcarrier_flag refers to the M24LR64-R-to-VCD communication.
0
A single subcarrier frequency is used by the M24LR64-R
1
Two subcarrier are used by the M24LR64-R
Bit 2
Data_rate_flag(2)
2.
Data_rate_flag refers to the M24LR64-R-to-VCD communication
0
Low data rate is used
1
High data rate is used
Bit 3
Inventory_flag
0
The meaning of flags 5 to 8 is described in Table 25
1
The meaning of flags 5 to 8 is described in Table 26
Bit 4
Protocol_extension_flag
0
No Protocol format extension
1
Protocol format extension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com