Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M23LR64-R-DW6T/2 Datasheet(PDF) 122 Page - STMicroelectronics

Part # M23LR64-R-DW6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-DW6T/2 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button M23LR64-R-DW6T/2 Datasheet HTML 118Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 119Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 120Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 121Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 122Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 123Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 124Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 125Page - STMicroelectronics M23LR64-R-DW6T/2 Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 126 page
background image
CRC (informative)
M24LR64-R
122/126
Doc ID 15170 Rev 9
Appendix B
CRC (informative)
B.1
CRC error detection method
The cyclic redundancy check (CRC) is calculated on all data contained in a message, from
the start of the flags through to the end of Data. The CRC is used from VCD to M24LR64-R
and from M24LR64-R to VCD.
To add extra protection against shifting errors, a further transformation on the calculated
CRC is made. The One’s Complement of the calculated CRC is the value attached to the
message for transmission.
To check received messages the 2 CRC bytes are often also included in the re-calculation,
for ease of use. In this case, the expected value for the generated CRC is the residue
F0B8h.
B.2
CRC calculation example
This example in C language illustrates one method of calculating the CRC on a given set of
bytes comprising a message.
C-example to calculate or check the CRC16 according to ISO/IEC 13239
#define
POLYNOMIAL0x8408//
x^16 + x^12 + x^5 + 1
#define
PRESET_VALUE0xFFFF
#define
CHECK_VALUE0xF0B8
#define
NUMBER_OF_BYTES4// Example: 4 data bytes
#define
CALC_CRC1
#define
CHECK_CRC0
void main()
{
unsigned int
current_crc_value;
unsigned char array_of_databytes[NUMBER_OF_BYTES + 2] = {1, 2, 3,
4, 0x91, 0x39};
int
number_of_databytes = NUMBER_OF_BYTES;
int
calculate_or_check_crc;
int
i, j;
calculate_or_check_crc = CALC_CRC;
// calculate_or_check_crc = CHECK_CRC;// This could be an other
example
if (calculate_or_check_crc == CALC_CRC)
{
Table 112. CRC definition
CRC definition
CRC type
Length
Polynomial
Direction
Preset
Residue
ISO/IEC 13239
16 bits
X16 + X12 + X5 + 1 = 8408h
Backward
FFFFh
F0B8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com