Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 257 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 257 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 253Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 254Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 255Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 256Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 257Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 258Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 259Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 260Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 261Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 500 page
background image
M68HC16 Z SERIES
MULTICHANNEL COMMUNICATION INTERFACE
USER’S MANUAL
10-17
10.4.3 Receive Data Pins (RXDA, RXDB)
RXDA and RXDB are the serial data inputs to the SCIA and SCIB interfaces, respec-
tively. Each pin is also available as a general-purpose I/O pin when the RE bit in
SCCR1 of the associated SCI submodule is cleared. When used for general-purpose
I/O, RXDA and RXDB may be configured either as input or output as determined by
the RXDA and RXDB bits in the MDDR.
10.4.4 Transmit Data Pins (TXDA, TXDB)
When used for general-purpose I/O, TXDA and TXDB can be configured either as in-
put or output as determined by the TXDA and TXDB bits in the MDDR. The TXDA and
TXDB pins are enabled for SCI use by setting the TE bit in SCCR1 of each SCI inter-
face.
10.4.5 SCI Operation
SCI operation can be polled by means of status flags in the SCSR, or interrupt-driven
operation can be employed by means of the interrupt-enable bits in SCCR1.
10.4.5.1 Definition of Terms
Data can be transmitted and received in a number of formats. The following terms con-
cerning data format are used in this section:
• Bit-Time — The time required to transmit or receive one bit of data, which is equal
to one cycle of the baud frequency.
• Start Bit — One bit-time of logic zero that indicates the beginning of a data frame.
A start bit must begin with a one-to-zero transition and be preceded by at least
three receive time samples of logic one.
• Stop Bit — One bit-time of logic one that indicates the end of a data frame.
• Frame — A complete unit of serial information. The SCI can use 10-bit or 11-bit
frames.
• Data Frame — A start bit, a specified number of data or information bits, and at
least one stop bit.
• Idle Frame — A frame that consists of consecutive ones. An idle frame has no
start bit.
• Break Frame — A frame that consists of consecutive zeros. A break frame has
no stop bits.
Table 10-5 SCI Pins
Pin
Mode
SCI Function
Port I/O Signal
Transmit data
TXDA
Serial data output from SCIA (TE = 1)
PMC7
TXDB
Serial data output from SCIB (TE = 1)
PMC5
Receive data
RXDA
Serial data input to SCIA (RE = 1)
PMC6
RXDB
Serial data input to SCIB (RE = 1)
PMC4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com