Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 258 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 258 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 254Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 255Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 256Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 257Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 258Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 259Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 260Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 261Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 262Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 500 page
background image
MULTICHANNEL COMMUNICATION INTERFACE
M68HC16 Z SERIES
10-18
USER’S MANUAL
10.4.5.2 Serial Formats
All data frames must have a start bit and at least one stop bit. Receiving and transmit-
ting devices must use the same data frame format. The SCI provides hardware sup-
port for both 10-bit and 11-bit frames. The M bit in SCCR1 specifies the number of bits
per frame.
The most common data frame format for NRZ serial interfaces is one start bit, eight
data bits (LSB first), and one stop bit; a total of ten bits. The most common 11-bit data
frame contains one start bit, eight data bits, a parity or control bit, and one stop bit.
Ten-bit and eleven-bit frames are shown in Table 10-6.
10.4.5.3 Baud Clock
The SCI baud rate is programmed by writing a 13-bit value to the SCBR field in SCI
control register zero (SCCR0). The baud rate is derived from the MCU system clock
by a modulus counter. Writing a value of zero to SCBR[12:0] disables the baud rate
generator. Baud rate is calculated as follows:
or
where SCBR[12:0] is in the range {1, 2, 3, ..., 8191}.
The SCI receiver operates asynchronously. An internal clock is necessary to synchro-
nize with an incoming data stream. The SCI baud rate generator produces a receive
time sampling clock with a frequency 16 times that of the SCI baud rate. The SCI de-
termines the position of bit boundaries from transitions within the received waveform,
and adjusts sampling points to the proper positions within the bit period.
Table 10-6 Serial Frame Formats
10-Bit Frames
Start
Data
Parity/Control
Stop
17
—
2
1711
18
—
1
11-Bit Frames
Start
Data
Parity/Control
Stop
1712
1811
SCI Baud Rate
f
sys
32
SCBR[12:0]
×
--------------------------------------------
=
SCBR[12:0]
f
sys
32
SCI Baud Rate Desired
×
---------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com