Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 272 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 272 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 268Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 269Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 270Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 271Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 272Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 273Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 274Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 275Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 276Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 500 page
background image
GENERAL-PURPOSE TIMER
M68HC16 Z SERIES
11-8
USER’S MANUAL
11.5.5 Pulse-Width Modulation
Pulse-width modulation (PWMA/B) pins carry pulse-width modulator outputs. The
modulators can be programmed to generate a periodic waveform of variable frequen-
cy and duty cycle. PWMA can be used to output the clock selected as the input to the
PWM counter. These pins can also be used for general-purpose output. Refer to 11.11
Pulse-Width Modulation Unit for more information.
11.5.6 Auxiliary Timer Clock Input
The auxiliary timer clock input (PCLK) pin connects an external clock to the GPT. The
external clock can be used as the clock source for the capture/compare unit or the
PWM unit in place of one of the prescaler outputs. PCLK has hysteresis. Any pulse
longer than two system clocks is guaranteed to be valid and any pulse shorter than
one system clock is ignored. This pin can also be used as a general-purpose input pin.
Refer to 11.7 Prescaler for more information.
11.6 General-Purpose I/O
Any GPT pin can be used for general-purpose I/O when it is not used for another pur-
pose. Capture/compare pins are bidirectional, others can be used only for output or
input. I/O direction is controlled by a data direction bit in the port GP data direction reg-
ister (DDRGP).
Parallel data is read from and written to the port GP data register (PORTGP). Pin data
can be read even when pins are configured for a timer function. Data read from PORT-
GP always reflects the state of the external pin, while data written to PORTGP may
not always affect the external pin.
Data written to PORTGP does not immediately affect pins used for output compare
functions, but the data is latched. When an output compare function is disabled, the
last data written to PORTGP is driven out on the associated pin if it is configured as
an output. Data written to PORTGP can cause input captures if the corresponding pin
is configured for input capture function.
The pulse accumulator input (PAI) and the external clock input (PCLK) pins provide
general-purpose input. The state of these pins can be read by accessing the PAIS and
PCLKS bits in the pulse accumulator control register (PACTL).
Pulse-width modulation A and B (PWMA/B) output pins can serve as general-purpose
outputs. The force PWM value (FPWMx) and the force logic one (F1x) bits in the com-
pare force (CFORC) and PWM control (PWMC) registers, respectively, control their
operation.
11.7 Prescaler
Capture/compare and PWM units have independent 16-bit free-running counters as a
main timing component. These counters derive their clocks from the prescaler or from
the PCLK input. Figure 11-2 is a prescaler block diagram.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com