Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 276 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 276 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 272Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 273Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 274Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 275Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 276Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 277Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 278Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 279Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 500 page
background image
GENERAL-PURPOSE TIMER
M68HC16 Z SERIES
11-12
USER’S MANUAL
Edge-detection logic consists of control bits that enable edge detection and select a
transition to detect. The EDGExA/B bits in timer control register 2 (TCTL2) determine
whether the input capture functions detect rising edges only, falling edges only, or both
rising and falling edges. Clearing both bits disables the input capture function. Input
capture functions operate independently of each other and can capture the same
TCNT value if individual input edges are detected within the same timer count cycle.
Input capture interrupt logic includes a status flag, which indicates that an edge has
been detected, and an interrupt enable bit. An input capture event sets the ICxF bit in
the timer interrupt flag register 1 (TFLG1) and causes the GPT to make an interrupt
request if the corresponding ICxI bit is set in the timer interrupt mask register 1
(TMSK1). If the ICxI bit is cleared, software must poll the status flag to determine that
an event has occurred. Refer to 11.4 Polled and Interrupt-Driven Operation for
more information.
Input capture events are generally asynchronous to the timer counter. Because of this,
input capture signals are conditioned by a synchronizer and digital filter. Events are
synchronized with the system clock and digital filter. Events are synchronized with the
system clock so that latching of TCNT content and counter incrementation occur on
opposite half-cycles of the system clock. Inputs have hysteresis. Capture of any tran-
sition longer than two system clocks is guaranteed; any transition shorter than one
system clock has no effect.
Figure 11-4 shows the relationship of system clock to synchronizer output. The value
latched into the capture register is the value of the counter several system clock cycles
after the transition that triggers the edge detection logic. There can be up to one clock
cycle of uncertainty in latching of the input transition. Maximum time is determined by
the system clock frequency.
The input capture register is a 16-bit register. A word access is required to ensure co-
herency. If coherency is not required, byte accesses can be used to read the register.
Input capture registers can be read at any time without affecting their values.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com