Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 277 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 277 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 273Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 274Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 275Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 276Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 277Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 278Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 279Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 280Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 281Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 500 page
background image
M68HC16 Z SERIES
GENERAL-PURPOSE TIMER
USER’S MANUAL
11-13
Figure 11-4 Input Capture Timing Example
An input capture occurs every time a selected edge is detected, even when the input
capture status flag is set. This means that the value read from the input capture regis-
ter corresponds to the most recent edge detected, which may not be the edge that
caused the status flag to be set.
11.8.3 Output Compare Functions
Each GPT output compare pin has an associated 16-bit compare register and a 16-bit
comparator. Each output compare function has an associated status flag, and can
cause the GPT to make an interrupt service request. Output compare logic is designed
to prevent false compares during data transition times.
When the programmed content of an output compare register matches the value in
TCNT, an output compare status flag (OCxF) bit in TFLG1 is set. If the appropriate in-
terrupt enable bit (OCxI) in TMSK1 is set, an interrupt request is made when a match
occurs. Refer to 11.4.2 GPT Interrupts for more information.
Operation of output compare 1 differs from that of the other output compare functions.
OC1 control logic can be programmed to make state changes on other OC pins when
an OC1 match occurs. Control bits in the timer compare force register (CFORC) allow
for early forced compares.
16/32 IC TIM
CAPTURE/COMPARE
CLOCK
CAPTURE REGISTER
$0102
SYNCHRONIZER
OUTPUT
ICxF FLAG
EXTERNAL PIN
TCNT
$0102
$0101
F
(PHI1)1
clock
PHI1 IS THE SAME FREQUENCY AS THE SYSTEM CLOCK; HOWEVER, IT DOES NOT HAVE THE SAME TIMING.
NOTES:
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com