Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 282 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 282 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 278Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 279Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 280Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 281Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 282Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 283Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 284Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 285Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 286Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 500 page
background image
GENERAL-PURPOSE TIMER
M68HC16 Z SERIES
11-18
USER’S MANUAL
11.11.1 PWM Counter
The 16-bit counter in the PWM unit is similar to the timer counter in the capture/com-
pare unit. During reset, the GPT is configured to use the system clock divided by two
to drive the counter. Initialization software can reconfigure the counter to use one of
seven prescaler outputs or an external clock input from the PCLK pin.
The PWM count register (PWMCNT) can be read at any time without affecting its val-
ue. A read must be a word access to ensure coherence, but byte accesses can be
made if coherence is not needed. The counter is cleared to $0000 during reset and is
a read-only register except in freeze or test mode.
Fifteen of the sixteen counter bits are output to multiplexers A and B. The multiplexers
provide the fast and slow modes of the PWM unit. Mode for PWMA is selected by the
SFA bit in the PWM control register C (PWMC). Mode for PWMB is selected by the
SFB bit in the same register.
PWMA, PWMB, and PPR[2:0] bits in PWMC control PWM output frequency. In fast
mode, bits [7:0] of PWMCNT are used to clock the PWM logic; in slow mode, bits [14:7]
are used. The period of a PWM output in slow mode is 128 times longer than the fast
mode period. Table 11-3 shows a range of PWM output frequencies using 16.78 MHz,
20.97 MHz, and 25.17 MHz system clocks.
11.11.2 PWM Function
The pulse width values of the PWM outputs are determined by control registers PWMA
and PWMB. PWMA and PWMB are 8-bit registers implemented as two bytes of a 16-
bit register. PWMA and PWMB can be accessed as separate bytes or as one 16-bit
register. A value of $00 loaded into either register causes the corresponding output pin
to output a continuous logic level zero signal. A value of $80 causes the corresponding
output signal to have a 50% duty cycle, and so on, to the maximum value of $FF, which
corresponds to an output which is at logic level one for 255/256 of the cycle.
Setting the F1A (for PWMA) or F1B (for PWMB) bits in the CFORC register causes the
corresponding pin to output a continuous logic level one signal. The logic level of the
associated pin does not change until the end of the current cycle. F1A and F1B are
the lower two bits of CFORC, but can be accessed at the same word address as
PWMC.
Table 11-3 PWM Frequency Ranges
PPR
[2:0]
Prescaler Tap
SFA/B = 0
SFA/B = 1
16.78 MHz
20.97 MHz
25.17 MHz
16.78 MHz 20.97 MHz 25.17 MHz
16.78 MHz
20.97 MHz
25.17 MHz
000
Div 2 = 8.39 MHz
Div 2 = 10.5 MHz
Div 2 = 12.6 MHz
32.8 kHz
41 kHz
49.2 kHz
256 Hz
320 Hz
384 Hz
001
Div 4 = 4.19 MHz
Div 4 = 5.25 MHz
Div 4 = 6.29 MHz
16.4 kHz
20.5 kHz
24.6 kHz
128 Hz
160 Hz
192 Hz
010
Div 8 = 2.10 MHz
Div 8 = 2.62 MHz
Div 8 = 3.15 MHz
8.19 kHz
10.2 kHz
12.3 kHz
64.0 Hz
80.0 Hz
96 Hz
011
Div 16 = 1.05 MHz
Div 16 = 1.31 MHz
Div 16 = 1.57 MHz
4.09 kHz
5.15 kHz
6.13 kHz
32.0 Hz
40.0 Hz
48 Hz
100
Div 32 = 524 kHz
Div 32 = 655 kHz
Div 32 = 787 kHz
2.05 kHz
2.56 kHz
3.07 kHz
16.0 Hz
20.0 Hz
24 Hz
101
Div 64 = 262 kHz
Div 64 = 328 kHz
Div 64 = 393 kHz
1.02 kHz
1.28 kHz
1.54 kHz
8.0 Hz
10.0 Hz
12 Hz
110
Div 128 = 131 kHz
Div 128 = 164 kHz
Div 128 = 197 kHz
512 Hz
641 Hz
770 Hz
4.0 Hz
5.0 Hz
6 Hz
111
PCLK
PCLK
PCLK
PCLK/256
PCLK/256
PCLK/256
PCLK/
32768
PCLK/
32768
PCLK/
32768
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com