Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 286 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 286 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 282Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 283Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 284Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 285Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 286Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 287Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 288Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 289Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-2
USER’S MANUAL
Table A-2 Typical Ratings, 2.7 to 3.6V, 16.78-MHz Operation
Num
Rating
Symbol
Value
Unit
1
Supply Voltage
VDD
3.0
V
2
Operating Temperature
TA
25
°C
3
VDD Supply Current
RUN
LPSTOP, VCO off
LPSTOP, External clock, max fsys
IDD
38
70
1
mA
µA
mA
4
Clock Synthesizer Operating Voltage
VDDSYN
3.0
V
5
VDDSYN Supply Current
4.194 MHz VCO on, maximum fsys
32.768 kHz VCO on, maximum fsys
4.194 MHz External Clock, maximum fsys
32.768 kHz External Clock, maximum fsys
4.194 MHz LPSTOP, VCO off
32.768 kHz LPSTOP, VCO off
4.194 MHz VDD powered down
32.768 kHz VDD powered down
IDDSYN
TBD
200
TBD
1
TBD
20
TBD
10
mA
µA
µA
mA
mA
µA
µA
µA
6
RAM Standby Voltage
VSB
3V
7
RAM Standby Current
Normal RAM operation
Standby operation
ISB
3
3
µA
µA
8
Power Dissipation
PD
120
mW
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com