Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 287 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 287 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 283Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 284Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 285Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 286Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 287Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 288Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 289Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 290Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 291Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-3
Table A-3 Typical Ratings, 5V, 16.78-MHz Operation
Num
Rating
Symbol
Value
Unit
1
Supply Voltage
VDD
5.0
V
2
Operating Temperature
TA
25
°C
3
VDD Supply Current
RUN
LPSTOP, VCO off
LPSTOP, External clock, maximum fsys
IDD
65
125
3
mA
µA
mA
4
Clock Synthesizer Operating Voltage
VDDSYN
5.0
V
5
VDDSYN Supply Current
VCO on, maximum fsys
External Clock, maximum fsys
LPSTOP, VCO off
VDD powered down
IDDSYN
1.0
3.0
100
50
mA
mA
µA
µA
6
RAM Standby Voltage
VSB
5.0
V
7
RAM Standby Current
Normal RAM operation
Standby operation
ISB
1.0
1.0
µA
µA
8
Power Dissipation
PD
380
mW
Table A-4 Typical Ratings, 20.97-MHz Operation
Num
Rating
Symbol
Value
Unit
1
Supply Voltage
VDD
5.0
V
2
Operating Temperature
TA
25
°C
3
VDD Supply Current
RUN
LPSTOP, VCO off
LPSTOP, External clock, maximum fsys
IDD
95
125
3.75
mA
µA
mA
4
Clock Synthesizer Operating Voltage
VDDSYN
5.0
V
5
VDDSYN Supply Current
VCO on, maximum fsys
External Clock, maximum fsys
LPSTOP, VCO off
VDD powered down
IDDSYN
1.0
4.0
100
50
mA
mA
µA
µA
6
RAM Standby Voltage
VSB
5.0
V
7
RAM Standby Current
Normal RAM operation
Standby operation
ISB
1.0
1.0
µA
µA
8
Power Dissipation
PD
480
mW
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com