Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 303 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 303 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 299Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 300Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 301Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 302Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 303Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 304Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 305Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 306Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 307Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-19
Table A-15 Low Voltage 16.78-MHz AC Timing
(V
DD
and V
DDSYN
= 2.7 to 3.6Vdc, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
1
Num
Characteristic
Symbol
Min
Max
Unit
F1
Frequency of Operation
f
—
16.78 MHz
1
Clock Period
tcyc
59.6
—
ns
1A
ECLK Period
tEcyc
476
—
ns
1B
External Clock Input Period2
tXcyc
64
—
ns
2, 3
Clock Pulse Width3
tCW
24
—
ns
2A, 3A ECLK Pulse Width
tECW
236
—
ns
2B, 3B External Clock Input High/Low Time2
tXCHL
32
—
ns
4, 5
CLKOUT Rise and Fall Time
tCrf
—9
ns
4A, 5A Rise and Fall Time (All outputs except CLKOUT)
trf
08
ns
4B, 5B External Clock Input Rise and Fall Time3
tXCrf
05
ns
6
Clock High to ADDR, FC, SIZ Valid4
tCHAV
035
ns
7
Clock High to ADDR, Data, FC, SIZ High Impedance
tCHAZx
259
ns
8
Clock High to ADDR, FC, SIZ Invalid
tCHAZn
0—
ns
9
Clock Low to AS, DS, CS Asserted4
tCLSA
225
ns
9A
AS to DS or CS Asserted (Read)5
tSTSA
–15
15
ns
11
ADDR, FC, SIZ Valid to AS, CS, (and DS Read) Asserted
tAVSA
15
—
ns
12
Clock Low to AS, DS, CS Negated
tCLSN
229
ns
13
AS, DS, CS Negated to ADDR, FC, SIZ Invalid (Address Hold)
tSNAI
15
—
ns
14
AS, CS (and DS Read) Width Asserted
tSWA
110
—
ns
14A
DS, CS Width Asserted (Write)
tSWAW
45
—
ns
14B
AS, CS (and DS Read) Width Asserted (Fast Cycle)
tSWDW
40
—
ns
15
AS, DS, CS Width Negated6
tSN
40
—
ns
16
Clock High to AS, DS, R/W High Impedance
tCHSZ
059
ns
17
AS, DS, CS Negated to R/W High
tSNRN
15
—
ns
18
Clock High to R/W High
tCHRH
030
ns
20
Clock High to R/W Low
tCHRL
030
ns
21
R/W High to AS, CS Asserted
tRAAA
15
—
ns
22
R/W Low to DS, CS Asserted (Write)
tRASA
70
—
ns
23
Clock High to Data Out Valid
tCHDO
—30
ns
24
Data Out Valid to Negating Edge of AS, CS (Fast Write Cycle)
tDVASN
15
—
ns
25
DS, CS Negated to Data Out Invalid (Data Out Hold)
tSNDOI
15
—
ns
26
Data Out Valid to DS, CS Asserted (Write)
tDVSA
15
—
ns
27
Data In Valid to Clock Low (Data Setup)4
tDICL
5—
ns
27A
Late BERR, HALT Asserted to Clock Low (Setup Time)
tBELCL
20
—
ns
28
AS, DS Negated to DSACK[1:0], BERR, HALT, AVEC Negated
tSNDN
080
ns
29
DS, CS Negated to Data In Invalid (Data In Hold)7
tSNDI
0—
ns
29A
DS, CS Negated to Data In High Impedance7, 8
tSHDI
—55
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com