Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 307 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 307 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 303Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 304Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 305Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 306Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 307Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 308Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 309Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 310Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 311Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-23
Table A-17 20.97-MHz AC Timing
(V
DD
and V
DDSYN
= 5.0 Vdc
± 5%, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
1
Num
Characteristic
Symbol
Min
Max
Unit
F1
Frequency of Operation
f
—
20.97
MHz
1
Clock Period
tcyc
47.7
—
ns
1A
ECLK Period
tEcyc
381
—
ns
1B
External Clock Input Period2
tXcyc
47.7
—
ns
2, 3
Clock Pulse Width3
tCW
18.8
—
ns
2A, 3A
ECLK Pulse Width
tECW
183
—
ns
2B, 3B
External Clock Input High/Low Time2
tXCHL
23.8
—
ns
4, 5
CLKOUT Rise and Fall Time
tCrf
—5
ns
4A, 5A
Rise and Fall Time (All Outputs except CLKOUT)
trf
—8
ns
4B, 5B
External Clock Input Rise and Fall Time3
tXCrf
—5
ns
6
Clock High to ADDR, FC, SIZE Valid4
tCHAV
023
ns
7
Clock High to ADDR, Data, FC, SIZE, High Impedance
tCHAZx
047
ns
8
Clock High to ADDR, FC, SIZE, Invalid
tCHAZn
0—
ns
9
Clock Low to AS, DS, CS Asserted4
tCLSA
023
ns
9A
AS to DS or CS Asserted (Read)5
tSTSA
-10
10
ns
11
ADDR, FC, SIZE Valid to AS, CS, (and DS Read) Asserted
tAVSA
10
—
ns
12
Clock Low to AS, DS, CS Negated
tCLSN
223
ns
13
AS, DS, CS Negated to ADDR, FC SIZE Invalid (Address Hold)
tSNAI
10
—
ns
14
AS, CS (and DS Read) Width Asserted
tSWA
80
—
ns
14A
DS, CS Width Asserted (Write)
tSWAW
36
—
ns
14B
AS, CS (and DS Read) Width Asserted (Fast Cycle)
tSWDW
32
—
ns
15
AS, DS, CS Width Negated6
tSN
32
—
ns
16
Clock High to AS, DS, R/W High Impedance
tCHSZ
—47
ns
17
AS, DS, CS Negated to R/W High
tSNRN
10
—
ns
18
Clock High to R/W High
tCHRH
023
ns
20
Clock High to R/W Low
tCHRL
023
ns
21
R/W High to AS, CS Asserted
tRAAA
10
—
ns
22
R/W Low to DS, CS Asserted (Write)
tRASA
54
—
ns
23
Clock High to Data Out Valid
tCHDO
—23
ns
24
Data Out Valid to Negating Edge of AS, CS (Fast Write Cycle)
tDVASN
10
—
ns
25
DS, CS Negated to Data Out Invalid (Data Out Hold)
tSNDOI
10
—
ns
26
Data Out Valid to DS, CS Asserted (Write)
tDVSA
10
—
ns
27
Data In Valid to Clock Low (Data Setup)4
tDICL
5—
ns
27A
Late BERR, HALT Asserted to Clock Low (Setup Time)
tBELCL
15
—
ns
28
AS, DS Negated to DSACK[1:0], BERR, HALT, AVEC Negated
tSNDN
060
ns
29
DS, CS Negated to Data In Invalid (Data In Hold)7
tSNDI
0—
ns
29A
DS, CS Negated to Data In High Impedance7, 8
tSHDI
—48
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com