Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 309 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 309 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 305Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 306Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 307Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 308Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 309Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 310Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 311Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 312Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 313Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-25
Table A-18 25.17-MHz AC Timing
(V
DD
and V
DDSYN
= 5.0 Vdc
± 5%, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
1
Num
Characteristic
Symbol
Min
Max
Unit
F1
Frequency of Operation
f
—
25.166
MHz
1
Clock Period
tcyc
39.7
—
ns
1A
ECLK Period
tEcyc
318
—
ns
1B
External Clock Input Period2
tXcyc
39.7
—
ns
2, 3
Clock Pulse Width3
tCW
15
—
ns
2A, 3A ECLK Pulse Width
tECW
155
—
ns
2B, 3B External Clock Input High/Low Time2
tXCHL
19.8
—
ns
4, 5
CLKOUT Rise and Fall Time
tCrf
—5
ns
4A, 5A Rise and Fall Time (All Outputs except CLKOUT)
trf
—8
ns
4B, 5B External Clock Input Rise and Fall Time3
tXCrf
—4
ns
6
Clock High to ADDR, FC, SIZ Valid4
tCHAV
019
ns
7
Clock High to ADDR, Data, FC, SIZ, High Impedance
tCHAZx
039
ns
8
Clock High to ADDR, FC, SIZ, Invalid
tCHAZn
0—
ns
9
Clock Low to AS, DS, CS Asserted4
tCLSA
219
ns
9A
AS to DS or CS Asserted (Read)5
tSTSA
–10
15
ns
11
ADDR, FC, SIZE Valid to AS, CS, (and DS Read) Asserted
tAVSA
8—
ns
12
Clock Low to AS, DS, CS Negated
tCLSN
219
ns
13
AS, DS, CS Negated to ADDR, FC, SIZ Invalid (Address Hold)
tSNAI
8—
ns
14
AS, CS (and DS Read) Width Asserted
tSWA
65
—
ns
14A
DS, CS Width Asserted (Write)
tSWAW
25
—
ns
14B
AS, CS (and DS Read) Width Asserted (Fast Cycle)
tSWDW
22
—
ns
15
AS, DS, CS Width Negated6
tSN
22
—
ns
16
Clock High to AS, DS, R/W High Impedance
tCHSZ
—39
ns
17
AS, DS, CS Negated to R/W High
tSNRN
10
—
ns
18
Clock High to R/W High
tCHRH
019
ns
20
Clock High to R/W Low
tCHRL
019
ns
21
R/W High to AS, CS Asserted
tRAAA
10
—
ns
22
R/W Low to DS, CS Asserted (Write)
tRASA
40
—
ns
23
Clock High to Data Out Valid
tCHDO
—19
ns
24
Data Out Valid to Negating Edge of AS, CS (Fast Write Cycle)
tDVASN
7—
ns
25
DS, CS Negated to Data Out Invalid (Data Out Hold)
tSNDOI
5—
ns
26
Data Out Valid to DS, CS Asserted (Write)
tDVSA
8—
ns
27
Data In Valid to Clock Low (Data Setup)4
tDICL
5—
ns
27A
Late BERR, HALT Asserted to Clock Low (Setup Time)
tBELCL
10
—
ns
28
AS, DS Negated to DSACK[1:0], BERR, HALT, AVEC Negated
tSNDN
050
ns
29
DS, CS Negated to Data In Invalid (Data In Hold)7
tSNDI
0—
ns
29A
DS, CS Negated to Data In High Impedance7, 8
tSHDI
—45
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com