Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 347 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 347 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 343Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 344Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 345Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 346Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 347Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 348Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 349Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 350Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 351Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-63
Table A-33 Low Voltage ADC DC Electrical Characteristics (Operating)
(VSS = 0 Vdc, ADCLK = 1.05 MHz, T
A
within operating temperature range)
Num
Parameter
Symbol
Min
Max
Unit
1
Analog Supply1
NOTES:
1. Refers to operation over full temperature and frequency range.
VDDA
2.7
3.6
V
2
Internal Digital Supply1
VDDI
2.7
3.6
V
3VSS Differential Voltage
VSSI – VSSA
– 1.0
1.0
mV
4VDD Differential Voltage
VDDI – VDDA
– 0.6
0.6
V
5
Reference Voltage Low2, 3
2. To obtain full-scale, full-range results, VSSA ≤ VRL ≤ VINDC ≤ VRH ≤ VDDA.
3. Accuracy tested and guaranteed at VRH – VRL = 2.7 V ± 3.6 Vdc.
VRL
VSSA
VDDA / 2
V
6
Reference Voltage High2, 3
VRH
VDDA / 2
VDDA
V
7VREF Differential Voltage
3
VRH – VRL
2.7
3.6
V
8
Input Voltage2
VINDC
VSSA
VDDA
V
9
Input High, Port ADA
VIH
0.7 (VDDA)VDDA + 0.3
V
10
Input Low, Port ADA
VIL
VSSA – 0.3
0.2 (VDDA)V
11
Analog Supply Current
Normal Operation4
Low-Power Stop
4. Current measured at maximum system clock frequency with ADC active.
IDDA
—
—
1.0
200
mA
µA
12
Reference Supply Current
IREF
—
120
µA
13
Input Current, Off Channel5
5. Maximum leakage occurs at maximum operating temperature. Current decreases by approximately one-half
for each 10
°C decrease from maximum temperature.
IOFF
—
150
nA
14
Total Input Capacitance, Not Sampling
CINN
—10
pF
15
Total Input Capacitance, Sampling
CINS
—15
pF
Table A-34 Low Voltage ADC AC Characteristics (Operating)
(VDD and VDDA = 2.7 to 3.6 Vdc, VSS = 0 Vdc, TA within operating temperature range)
Num
Parameter
Symbol
Min
Max
Unit
1
ADC Clock Frequency
fADCLK
0.5
1.05
MHz
2
8-Bit Conversion Time1
fADCLK = 1.05 MHz
NOTES:
1. Conversion accuracy varies with fADCLK rate. Reduced conversion accuracy occurs at maximum.
tCONV
15.2
—
µs
3
10-Bit Conversion Time1
fADCLK = 1.05 MHz
tCONV
17.1
—
µs
4
Stop Recovery Time
tSR
—50
µs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com