Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 349 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 349 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 345Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 346Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 347Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 348Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 349Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 350Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 351Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 352Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 353Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-65
Table A-36 ADC AC Characteristics (Operating)
(VDD and VDDA = 5.0 Vdc ± 5% for 20/25 MHz, ± 10% for 16 MHz, VSS = 0 Vdc,
TA within operating temperature range)
Num
Parameter
Symbol
Min
Max
Unit
1
ADC Clock Frequency
fADCLK
0.5
2.1
MHz
2
8-Bit Conversion Time1
fADCLK = 1.0 MHz
fADCLK = 2.1 MHz
NOTES:
1. Conversion accuracy varies with fADCLK rate. Reduced conversion accuracy occurs at maximum.
tCONV
15.2
7.6
—
µs
3
10-Bit Conversion Time1
fADCLK = 1.0 MHz
fADCLK = 2.1 MHz
tCONV
17.1
8.6
—
µs
4
Stop Recovery Time
tSR
—10
µs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com