Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 117Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 118Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 119Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 120Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 121Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 122Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 123Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 124Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 500 page
background image
M68HC16 Z SERIES
SYSTEM INTEGRATION MODULE
USER’S MANUAL
5-15
Table 5-5 16.78-MHz System Clock Frequencies
(Shaded cells represent values that exceed 16.78 MHz specifications.)
Modulus
Prescaler
Y
[W:X] = 00
(fVCO =2 × Value)
[W:X] = 01
(fVCO = Value)
[W:X] = 10
(fVCO =2 × Value)
[W:X] = 11
(fVCO = Value)
000000
131 kHz
262 kHz
524 kHz
1049 kHz
000001
262
524
1049
2097
000010
393
786
1573
3146
000011
524
1049
2097
4194
000100
655
1311
2621
5243
000101
786
1573
3146
6291
000110
918
1835
3670
7340
000111
1049
2097
4194
8389
001000
1180
2359
4719
9437
001001
1311
2621
5243
10486
001010
1442
2884
5767
11534
001011
1573
3146
6291
12583
001100
1704
3408
6816
13631
001101
1835
3670
7340
14680
001110
1966
3932
7864
15729
001111
2097
4194
8389
16777
010000
2228
4456
8913
17826
010001
2359
4719
9437
18874
010010
2490
4981
9961
19923
010011
2621
5243
10486
20972
010100
2753
5505
11010
22020
010101
2884
5767
11534
23069
010110
3015
6029
12059
24117
010111
3146
6291
12583
25166
011000
3277
6554
13107
26214
011001
3408
6816
13631
27263
011010
3539
7078
14156
28312
011011
3670
7340
14680
29360
011100
3801
7602
15204
30409
011101
3932
7864
15729
31457
011110
4063
8126
16253
32506
011111
4194
8389
16777
33554
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com