Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 118Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 119Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 120Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 121Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 122Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 123Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 124Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 125Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-16
USER’S MANUAL
100000
4325 kHz
8651 kHz
17302 kHz
34603 kHz
100001
4456
8913
17826
35652
100010
4588
9175
18350
36700
100011
4719
9437
18874
37749
100100
4850
9699
19399
38797
100101
4981
9961
19923
39846
100110
5112
10224
20447
40894
100111
5243
10486
20972
41943
101000
5374
10748
21496
42992
101001
5505
11010
22020
44040
101010
5636
11272
22544
45089
101011
5767
11534
23069
46137
101100
5898
11796
23593
47186
101101
6029
12059
24117
48234
101110
6160
12321
24642
49283
101111
6291
12583
25166
50332
110000
6423
12845
25690
51380
110001
6554
13107
26214
52428
110010
6685
13369
26739
53477
110011
6816
13631
27263
54526
110100
6947
13894
27787
55575
110101
7078
14156
28312
56623
110110
7209
14418
28836
57672
110111
7340
14680
29360
58720
111000
7471
14942
2988
59769
111001
7602
15204
30409
60817
111010
7733
15466
30933
61866
111011
7864
15729
31457
62915
111100
7995
15991
31982
63963
111101
8126
16253
32506
65011
111110
8258
16515
33030
66060
111111
8389
16777
33554
67109
Table 5-5 16.78-MHz System Clock Frequencies (Continued)
(Shaded cells represent values that exceed 16.78 MHz specifications.)
Modulus
Prescaler
Y
[W:X] = 00
(fVCO =2 × Value)
[W:X] = 01
(fVCO = Value)
[W:X] = 10
(fVCO =2 × Value)
[W:X] = 11
(fVCO = Value)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com