Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 162Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 163Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 164Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 165Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 166Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 167Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 168Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 169Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-60
USER’S MANUAL
Although arbitration is intended to deal with simultaneous requests of the same inter-
rupt level, it always takes place, even when a single source is requesting service. This
is important for two reasons: the EBI does not transfer the interrupt acknowledge read
cycle to the external bus unless the SIM wins contention, and failure to contend causes
the interrupt acknowledge bus cycle to be terminated early by a bus error.
When arbitration is complete, the module with both the highest asserted interrupt level
and the highest arbitration priority must terminate the bus cycle. Internal modules
place an interrupt vector number on the data bus and generate appropriate internal cy-
cle termination signals. In the case of an external interrupt request, after the interrupt
acknowledge cycle is transferred to the external bus, the appropriate external device
must respond with a vector number, then generate data size acknowledge (DSACK)
termination signals, or it must assert the autovector (AVEC) request signal. If the de-
vice does not respond in time, the SIM bus monitor, if enabled, asserts the bus error
signal (BERR), and a spurious interrupt exception is taken.
Chip-select logic can also be used to generate internal AVEC or DSACK signals in re-
sponse to interrupt acknowledgment cycles. Refer to 5.9.3 Using Chip-Select Sig-
nals for Interrupt Acknowledge for more information. Chip-select address match
logic functions only after the EBI transfers an interrupt acknowledge cycle to the exter-
nal bus following IARB contention. All interrupts from internal modules have their as-
sociated IACK cycles terminated with an internal DSACK. Thus, user vectors (instead
of autovectors) must always be used for interrupts generated from internal modules. If
an internal module makes an interrupt request of a certain priority, and the appropriate
chip-select registers are programmed to generate AVEC or DSACK signals in re-
sponse to an interrupt acknowledge cycle for that priority level, chip-select logic does
not respond to the interrupt acknowledge cycle, and the internal module supplies a
vector number and generates internal cycle termination signals.
For periodic timer interrupts, the PIRQ[2:0] field in the periodic interrupt control register
(PICR) determines PIT priority level. A PIRQ[2:0] value of %000 means that PIT inter-
rupts are inactive. By hardware convention, when the CPU16 receives simultaneous
interrupt requests of the same level from more than one SIM source (including external
devices), the periodic interrupt timer is given the highest priority, followed by the IRQ
pins.
5.8.4 Interrupt Processing Summary
A summary of the entire interrupt processing sequence follows. When the sequence
begins, a valid interrupt service request has been detected and is pending.
A. The CPU16 finishes higher priority exception processing or reaches an instruc-
tion boundary.
B. Processor state is stacked, then the CCR PK extension field is cleared.
C. The interrupt acknowledge cycle begins:
1. FC[2:0] are driven to %111 (CPU space) encoding.
2. The address bus is driven as follows. ADDR[23:20] = %1111; ADDR[19:16]
= %1111, which indicates that the cycle is an interrupt acknowledge CPU
space cycle; ADDR[15:4] = %111111111111; ADDR[3:1] = the priority of
the interrupt request being acknowledged; and ADDR0 = %1.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com