Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 170 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 170 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 166Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 167Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 168Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 169Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 170Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 171Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 172Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 173Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 500 page
background image
SYSTEM INTEGRATION MODULE
M68HC16 Z SERIES
5-64
USER’S MANUAL
Blocks of addresses are assigned to each chip-select function. Block sizes of 2 Kbytes
to 1 Mbyte can be selected by writing values to the appropriate base address register
(CSBAR[10:0] and CSBARBT). However, because the logic state of ADDR20 is al-
ways the same as the state of ADDR19 in the MCU, the largest usable block size is
512 Kbytes. Multiple chip-selects assigned to the same block of addresses must have
the same number of wait states.
Chip-select option registers (CSORBT and CSOR[0:10]) determine timing of and con-
ditions for assertion of chip-select signals. Eight parameters, including operating
mode, access size, synchronization, and wait state insertion can be specified.
Initialization software usually resides in a peripheral memory device controlled by the
chip-select circuits. A set of special chip-select functions and registers (CSORBT and
CSBARBT) is provided to support bootstrap operation.
Comprehensive address maps and register diagrams are provided in APPENDIX D
REGISTER SUMMARY.
5.9.1.1 Chip-Select Pin Assignment Registers
The pin assignment registers contain twelve 2-bit fields that determine the functions of
the chip-select pins. Each pin has two or three possible functions, as shown in Table
5-22.
Table 5-23 shows pin assignment field encoding. Pins that have no discrete output
function must not use the %00 encoding as this will cause the alternate function to be
selected. For instance, %00 for CS0/BR will cause the pin to perform the BR function.
Table 5-22 Chip-Select Pin Functions
Chip-Select
Alternate
Function
Discrete
Output
CSBOOT
CSBOOT
—
CS0
BR
—
CS1
BG
—
CS2
BGACK
—
CS3
FC0
PC0
CS4
FC1
PC1
CS5
FC2
PC2
CS6
ADDR19
PC3
CS7
ADDR20
PC4
CS8
ADDR21
PC5
CS9
ADDR22
PC6
CS10
ADDR23
ECLK
Table 5-23 Pin Assignment Field Encoding
CSxPA[1:0]
Description
00
Discrete output
01
Alternate function
10
Chip-select (8-bit port)
11
Chip-select (16-bit port)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com