Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 199 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 199 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 195Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 196Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 197Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 198Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 199Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 200Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 201Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 202Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 500 page
background image
M68HC16 Z SERIES
ANALOG-TO-DIGITAL CONVERTER
USER’S MANUAL
8-13
Figure 8-3 10-Bit Conversion Timing
8.7.7 Successive Approximation Register
The successive approximation register (SAR) accumulates the result of each conver-
sion one bit at a time, starting with the most significant bit.
At the start of the resolution period, the MSB of the SAR is set, and all less significant
bits are cleared. Depending on the result of the first comparison, the MSB is either left
set or cleared. Each successive bit is set or left cleared in descending order until all
eight or ten bits have been resolved.
When conversion is complete, the content of the SAR is transferred to the appropriate
result register. Refer to APPENDIX D REGISTER SUMMARY for register mapping
and configuration.
8.7.8 Result Registers
Result registers are used to store data after conversion is complete. The registers can
be accessed from the IMB under ABIU control. Each register can be read from three
different addresses in the ADC memory map. The format of the result data depends
on the address from which it is read. Table 8-9 shows the three types of formats.
CH 8
CH 7
CH 6
CH 5
CH 4
CH 3
CH 2
CH 1
SCF FLAG SET HERE AND SEQUENCE
ENDS IF IN THE 4-CHANNEL MODE
SCF FLAG SET HERE AND SEQUENCE
ENDS IF IN THE 8-CHANNEL MODE
1
CYCLE
1
CYCLE
1
CYCLE
SUCCESSIVE APPROXIMATION
SEQUENCE
SAMPLE AND TRANSFER
PERIOD
2
CYCLES
1
CYCLE
1
CYCLE
1
CYCLE
1
CYCLE
1
CYCLE
END
1
CYCLE
1
CYCLE
6 CYCLES
16
1
SAR0
SAR7
SAR6
SAR5
SAR4
SAR3
SAR2
SAR1
TRANSFER CONVERSION TO
RESULT REGISTER AND SET
CCF
RESOLUTION TIME
INITIAL
SAMPLE
TIME
TRANSFER
TIME
FINAL
SAMPLE
TIME
EOC
SAR8
SAR9
16 ADC 10-BIT TIM
(2 ADC CLOCKS)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com