Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV16 Datasheet(PDF) 200 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV16
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV16 Datasheet(HTML) 200 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV16 Datasheet HTML 196Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 197Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 198Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 199Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 200Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 201Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 202Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 203Page - Freescale Semiconductor, Inc SPMCK16Z4MPV16 Datasheet HTML 204Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 500 page
background image
ANALOG-TO-DIGITAL CONVERTER
M68HC16 Z SERIES
8-14
USER’S MANUAL
Refer to APPENDIX D REGISTER SUMMARY for register mapping and configuration.
8.8 Pin Considerations
The ADC requires accurate, noise-free input signals for proper operation. The follow-
ing sections discuss the design of external circuitry to maximize ADC performance.
8.8.1 Analog Reference Pins
No A/D converter can be more accurate than its analog reference. Any noise in the
reference can result in at least that much error in a conversion. The reference for the
ADC, supplied by pins VRH and VRL, should be low-pass filtered from its source to ob-
tain a noise-free, clean signal. In many cases, simple capacitive bypassing may suf-
fice. In extreme cases, inductors or ferrite beads may be necessary if noise or RF
energy is present. Series resistance is not advisable since there is an effective DC cur-
rent requirement from the reference voltage by the internal resistor string in the RC
DAC array. External resistance may introduce error in this architecture under certain
conditions. Any series devices in the filter network should contain a minimum amount
of DC resistance.
For accurate conversion results, the analog reference voltages must be within the lim-
its defined by VDDA and VSSA, as explained in the following subsection.
8.8.2 Analog Power Pins
The analog supply pins (VDDA and VSSA) define the limits of the analog reference volt-
ages (VRH and VRL) and of the analog multiplexer inputs. Figure 8-4 is a diagram of
the analog input circuitry.
Table 8-9 Result Register Formats
Result Data Format
Description
Unsigned
right-justified format
Conversion result is unsigned right-justified data. Bits [9:0] are used for 10-bit resolution,
bits [7:0] are used for 8-bit conversion (bits [9:8] are zero). Bits [15:10] always return zero
when read.
Signed
left-justified format
Conversion result is signed left-justified data. Bits [15:6] are used for 10-bit resolution, bits
[15:8] are used for 8-bit conversion (bits [7:6] are zero). Although the ADC is unipolar, it
is assumed that the zero point is (VRH –VRL) / 2 when this format is used. The value read
from the register is an offset two’s-complement number; for positive input, bit 15 equals
zero, for negative input, bit 15 equals one. Bits [5:0] always return zero when read.
Unsigned
left-justified format
Conversion result is unsigned left-justified data. Bits [15:6] are used for 10-bit resolution,
bits [15:8] are used for 8-bit conversion (bits [7:6] are zero). Bits [5:0] always return zero
when read.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com