Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 246 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 246 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 242Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 243Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 244Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 245Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 246Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 247Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 248Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 249Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 250Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 500 page
background image
MULTICHANNEL COMMUNICATION INTERFACE
M68HC16 Z SERIES
10-6
USER’S MANUAL
Error-detection logic is included to support interprocessor interfacing. A write-collision
detector indicates when an attempt is made to write data to the serial shift register
while a transfer is in progress. A multiple-master mode-fault detector automatically dis-
ables SPI output drivers if more than one MCU simultaneously attempts to become
bus master.
10.3.1 SPI Registers
SPI control registers include the SPI control register (SPCR), the SPI status register
(SPSR), and the SPI data register (SPDR). Refer to D.7.13 SPI Control Register,
D.7.14 SPI Status Register, and D.7.15 SPI Data Register for register bit and field
definitions.
10.3.1.1 SPI Control Register (SPCR)
The SPCR contains parameters for configuring the SPI. The register can be read or
written at any time.
10.3.1.2 SPI Status Register (SPSR)
The SPSR contains SPI status information. Only the SPI can set the bits in this regis-
ter. The CPU reads the register to obtain status information.
10.3.1.3 SPI Data Register (SPDR)
The SPDR is used to transmit and receive data on the serial bus. A write to this register
in the master device initiates transmission or reception of another byte or word. After
a byte or word of data is transmitted, the SPIF status bit is set in both the master and
slave devices.
A read of the SPDR actually reads a buffer. If the first SPIF is not cleared by the time
a second transfer of data from the shift register to the read buffer is initiated, an over-
run condition occurs. In cases of overrun the byte or word causing the overrun is lost.
A write to the SPDR is not buffered and places data directly into the shift register for
transmission.
10.3.2 SPI Pins
Four bidirectional pins are associated with the SPI. The MPAR configures each pin for
either SPI function or general-purpose I/O. The MDDR assigns each pin as either input
or output. The WOMP bit in the SPI control register (SPCR) determines whether each
SPI pin that is configured for output functions as an open-drain output or a normal
CMOS output. The MDDR and WOMP assignments are valid regardless of whether
the pins are configured for SPI use or general-purpose I/O.
The operation of pins configured for SCI use depends on whether the SCI is operating
as a master or a slave, determined by the MSTR bit in the SPCR.
Table 10-3 shows SPI pins and their functions.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com