Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 250 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 250 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 246Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 247Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 248Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 249Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 250Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 251Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 252Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 253Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 254Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 500 page
background image
MULTICHANNEL COMMUNICATION INTERFACE
M68HC16 Z SERIES
10-10
USER’S MANUAL
10.3.4.2 CPHA = 1 Transfer Format
Figure 10-4 is a timing diagram of an 8-bit, MSB-first SPI transfer in which CPHA
equals one. Two waveforms are shown for SCK, one for CPOL equal to zero and an-
other for CPOL equal to one. The diagram may be interpreted as a master or slave
timing diagram since the SCK, MISO and MOSI pins are directly connected between
the master and the slave. The MISO signal shown is the output from the slave and the
MOSI signal shown is the output from the master. The SS line is the slave select input
to the slave.
Figure 10-4 CPHA = 1 SPI Transfer Format
For a master, writing to the SPDR initiates the transfer. For a slave, the first edge of
SCK indicates the start of a transfer. The SPI is left-shifted on the first and each suc-
ceeding odd clock edge, and data is latched on the second and succeeding even clock
edges.
SCK is inactive for the last half of the eighth SCK cycle. For a master, SPIF is set at
the end of the eighth SCK cycle (after the seventeenth SCK edge). Since the last SCK
edge occurs in the middle of the eighth SCK cycle, however, the slave has no way of
knowing when the end of the last SCK cycle occurs. The slave therefore considers the
transfer complete after the last bit of serial data has been sampled, which corresponds
to the middle of the eighth SCK cycle.
When CPHA is one, the SS line may remain at its active low level between transfers.
This format is sometimes preferred in systems having a single fixed master and only
one slave that needs to drive the MISO data line.
12345678
SCK CYCLE #
(FOR REFERENCE)
SCK (CPOL = 0)
SCK (CPOL = 1)
MOSI
(FROM MASTER)
MSB
6
54321
LSB
MSB
6
54321
LSB
MISO
(FROM SLAVE)
SS (TO SLAVE)
CPHA = 1 SPI TRANSFER
*
* NOT DEFINED BUT NORMALLY LSB OF PREVIOUSLY TRANSMITTED CHARACTER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com