Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 253 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 253 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 249Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 250Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 251Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 252Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 253Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 254Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 255Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 256Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 500 page
background image
M68HC16 Z SERIES
MULTICHANNEL COMMUNICATION INTERFACE
USER’S MANUAL
10-13
10.4 Serial Communication Interface (SCI)
The SCI submodule contains two independent SCI systems. Each is a full-duplex uni-
versal asynchronous receiver transmitter (UART). This SCI system is fully compatible
with SCI systems found on other Freescale devices, such as the M68HC11 and
M68HC05 families.
The SCI uses a standard non-return to zero (NRZ) transmission format. An on-chip
baud-rate generator derives standard baud-rate frequencies from the MCU oscillator.
Both the transmitter and the receiver are double buffered, so that back-to-back char-
acters can be handled easily even if the CPU is delayed in responding to the comple-
tion of an individual character. The SCI transmitter and receiver are functionally
independent but use the same data format and baud rate.
Figure 10-5 shows a block diagram of the SCI transmitter. Figure 10-6 shows a block
diagram of the SCI receiver.
The two independent SCI systems are called SCIA and SCIB. These SCIs are identi-
cal in register set and hardware configuration, providing an application with full flexi-
bility in using the dual SCI system. References to SCI registers in this section do not
always distinguish between the two SCI systems. A reference to SCCR1, for example,
applies to both SCCR1A (SCIA control register 1) and SCCR1B (SCIB control register
1).
10.4.1 SCI Registers
The SCI programming model includes the MCCI global and pin control registers and
eight SCI registers. Each of the two SCI units contains two SCI control registers, one
status register, and one data register. Refer to D.7.9 SCI Control Register 0, D.7.11
SCI Status Register, and D.7.12 SCI Data Register for register bit and field defini-
tions.
All registers may be read or written at any time by the CPU. Rewriting the same value
to any SCI register does not disrupt operation; however, writing a different value into
an SCI register when the SCI is running may disrupt operation. To change register val-
ues, the receiver and transmitter should be disabled with the transmitter allowed to fin-
ish first. The status flags in the SCSR may be cleared at any time.
When initializing the SCI, set the transmitter enable (TE) and receiver enable (RE) bits
in SCCR1 last. A single word write to SCCR1 can be used to initialize the SCI and en-
able the transmitter and receiver.
10.4.1.1 SCI Control Registers
SCCR0 contains the baud rate selection field. The baud rate must be set before the
SCI is enabled. The CPU16 can read and write this register at any time.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com