Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 251 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 251 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 247Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 248Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 249Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 250Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 251Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 252Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 253Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 254Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 255Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 500 page
background image
M68HC16 Z SERIES
MULTICHANNEL COMMUNICATION INTERFACE
USER’S MANUAL
10-11
10.3.5 SPI Serial Clock Baud Rate
Baud rate is selected by writing a value from two to 255 into SPBR[7:0] in the SPCR
of the master MCU. Writing an SPBR[7:0] value into the SPCR of the slave device has
no effect. The SPI uses a modulus counter to derive SCK baud rate from the MCU sys-
tem clock.
The following expressions apply to SCK baud rate:
or
Giving SPBR[7:0] a value of zero or one disables the baud rate generator. SCK is dis-
abled and assumes its inactive state value.
SPBR[7:0] has 254 active values. Table 10-4 lists several possible baud values and
the corresponding SCK frequency based on a 16.78-MHz system clock.
10.3.6 Wired-OR Open-Drain Outputs
Typically, SPI bus outputs are not open-drain unless multiple SPI masters are in the
system. If needed, the WOMP bit in SPCR can be set to provide wired-OR, open-drain
outputs. An external pull-up resistor should be used on each output line. WOMP af-
fects all SPI pins regardless of whether they are assigned to the SPI or used as gen-
eral-purpose I/O.
10.3.7 Transfer Size and Direction
The SIZE bit in the SPCR selects a transfer size of eight (SIZE = 0) or sixteen (SIZE
= 1) bits. The LSBF bit in the SPCR determines whether serial shifting to and from the
data register begins with the LSB (LSBF = 1) or MSB (LSBF = 0).
Table 10-4 SCK Frequencies
System Clock
Frequency
Required Division
Ratio
Value of SPBR Actual SCK Frequency
16.78 MHz
4
2
4.19 MHz
8
4
2.10 MHz
16
8
1.05 MHz
34
17
493 kHz
168
84
100 kHz
510
255
33 kHz
SCK Baud Rate
f
sys
2
SPBR[7:0]
×
-------------------------------------
=
SPBR[7:0]
f
sys
2
SCK Baud Rate Desired
×
--------------------------------------------------------------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com