Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 256 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 256 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 252Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 253Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 254Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 255Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 256Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 257Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 258Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 259Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 500 page
background image
MULTICHANNEL COMMUNICATION INTERFACE
M68HC16 Z SERIES
10-16
USER’S MANUAL
SCCR1 contains a number of SCI configuration parameters, including transmitter and
receiver enable bits, interrupt enable bits, and operating mode enable bits. The
CPU16 can read and write this register at any time. The SCI can modify the RWU bit
under certain circumstances.
Changing the value of SCI control bits during a transfer may disrupt operation. Before
changing register values, allow the SCI to complete the current transfer, then disable
the receiver and transmitter.
10.4.1.2 SCI Status Register
The SCSR contains flags that show SCI operating conditions. These flags are cleared
either by SCI hardware or by a read/write sequence. To clear SCI transmitter flags,
read the SCSR and then write to the SCDR. To clear SCI receiver flags, read the
SCSR and then read the SCDR. A long-word read can consecutively access both the
SCSR and the SCDR. This action clears receiver status flag bits that were set at the
time of the read, but does not clear TDRE or TC flags.
If an internal SCI signal for setting a status bit comes after the CPU has read the as-
serted status bits, but before the CPU has written or read the SCDR, the newly set sta-
tus bit is not cleared. The SCSR must be read again with the bit set, and the SCDR
must be written to or read before the status bit is cleared.
Reading either byte of the SCSR causes all 16 bits to be accessed, and any status bit
already set in either byte will be cleared on a subsequent read or write of the SCDR.
10.4.1.3 SCI Data Register
The SCDR contains two data registers at the same address. The RDR is a read-only
register that contains data received by the SCI serial interface. The data comes into
the receive serial shifter and is transferred to the RDR. The TDR is a write-only register
that contains data to be transmitted. The data is first written to the TDR, then trans-
ferred to the transmit serial shifter, where additional format bits are added before
transmission.
10.4.2 SCI Pins
Four pins are associated with the SCI: TXDA, TXDB, RXDA, and RXDB. The state of
the TE or RE bit in SCI control register 1 of each SCI submodule (SCCR1A, SCCR1B)
determines whether the associated pin is configured for SCI operation or general-pur-
pose I/O. The MDDR assigns each pin as either input or output. The WOMC bit in
SCCR1A or SCCR1B determines whether the associated RXD and TXD pins, when
configured as outputs, function as open-drain output pins or normal CMOS outputs.
The MDDR and WOMC assignments are valid regardless of whether the pins are con-
figured for SPI use or general-purpose I/O.
SCI pins are listed in Table 10-5.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com