Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 273 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 273 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 269Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 270Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 271Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 272Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 273Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 274Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 275Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 276Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 500 page
background image
M68HC16 Z SERIES
GENERAL-PURPOSE TIMER
USER’S MANUAL
11-9
Figure 11-2 Prescaler Block Diagram
In the prescaler, the system clock is divided by a nine-stage divider chain. Prescaler
outputs equal to system clock divided by 2, 4, 8, 16, 32, 64, 128, 256 and 512 are pro-
vided. Connected to these outputs are two multiplexers, one for the capture/compare
unit, the other for the PWM unit.
Multiplexers can each select one of seven prescaler taps or an external input from the
PCLK pin. Multiplexer output for the timer counter (TCNT) is selected by bits CPR[2:0]
in timer interrupt mask register 2 (TMSK2). Multiplexer output for the PWM counter
(PWMCNT) is selected by bits PPR[2:0] in PWM control register C (PWMC). After re-
set, the GPT is configured to use system clock divided by four for TCNT and system
clock divided by two for PWMCNT. Initialization software can change the division fac-
tor. The PPR bits can be written at any time, but the CPR bits can only be written once
after reset, unless the GPT is in test or freeze mode.
GPT PRE BLOCK
CPR2 CPR1 CPR0
TO PULSE ACCUMULATOR
TO PULSE ACCUMULATOR
TO CAPTURE/
COMPARE
TIMER
SELECT
DIVIDER
256
128
64
32
16
8
4
SYSTEM CLOCK
512
PPR2 PPR1 PPR0
PWM UNIT
TO
SELECT
2
4
8
16
32
64
128
TO PULSE ACCUMULATOR
EXT.
SYNCHRONIZER AND
DIGITAL FILTER
EXT.
EXT.
PCLK
PIN
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com