Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 270 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 270 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 266Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 267Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 268Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 269Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 270Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 271Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 272Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 273Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 274Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 500 page
background image
GENERAL-PURPOSE TIMER
M68HC16 Z SERIES
11-6
USER’S MANUAL
The CPU16 recognizes only interrupt request signals of a priority greater than the con-
dition code register interrupt priority (IP) mask value. When the CPU acknowledges an
interrupt request, the priority of the acknowledged request is written to the IP mask and
driven out on the IMB address lines.
When the IP mask value driven out on the address lines is the same as the IRL value,
the GPT contends for arbitration priority. GPT arbitration priority is determined by the
value of IARB[3:0] in GPTMCR. Each MCU module that can make interrupt requests
must be assigned a non-zero IARB value to implement an arbitration scheme. Arbitra-
tion is performed by serial assertion of IARB[3:0] bit values.
When the GPT wins interrupt arbitration, it responds to the CPU interrupt acknowledge
cycle by placing an interrupt vector number on the data bus. The vector number is
used to calculate displacement into the CPU16 exception vector table. Vector num-
bers are formed by concatenating the value in ICR IVBA[3:0] with a 4-bit value sup-
plied by the GPT when an interrupt request is made. Hardware prevents the vector
number from changing while it is being driven out on the IMB. Vector number assign-
ment is shown in Table 11-2.
At reset, IVBA[3:0] is initialized to $0. To enable interrupt-driven timer operation, the
upper nibble of a user-defined vector number ($40 – $FF) must be written to IVBA, and
interrupt handler routines must be located at the addresses pointed to by the corre-
sponding vector.
NOTE
IVBA[3:0] must be written before GPT interrupts are enabled, or the
GPT could supply a vector number ($00 to $0F) that corresponds to
an assigned or reserved exception vector.
The internal GPT interrupt priority hierarchy is shown in Table 11-2. The lower the in-
terrupt source number, the higher the priority. A single GPT interrupt source can be
given priority over all other GPT interrupt sources by assigning the priority adjust field
(IPA[3:0]) in the ICR a value equal to its source number.
Table 11-2 GPT Interrupt Sources
Name
Source
Number
Source
Vector
Number
—
0000
Adjusted channel
IVBA : 0000
IC1
0001
Input capture 1
IVBA : 0001
IC2
0010
Input capture 2
IVBA : 0010
IC3
0011
Input capture 3
IVBA : 0011
OC1
0100
Output compare 1
IVBA : 0100
OC2
0101
Output compare 2
IVBA : 0101
OC3
0110
Output compare 3
IVBA : 0110
OC4
0111
Output compare 4
IVBA : 0111
IC4/OC5
1000
Input capture 4/output compare 5
IVBA : 1000
TO
1001
Timer overflow
IVBA : 1001
PAOV
1010
Pulse accumulator overflow
IVBA : 1010
PAI
1011
Pulse accumulator input
IVBA : 1011
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com