Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 266 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 266 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 262Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 263Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 264Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 265Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 266Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 267Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 268Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 269Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 270Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 500 page
background image
GENERAL-PURPOSE TIMER
M68HC16 Z SERIES
11-2
USER’S MANUAL
Figure 11-1 GPT Block Diagram
11.2 GPT Registers and Address Map
The GPT programming model consists of a configuration register (GPTMCR), parallel
I/O registers (DDRGP, PORTGP), capture/compare registers (TCNT, TCTL1, TCTL2,
TIC[1:3], TOC[1:4], TI4/O5, CFORC), pulse accumulator registers (PACNT, PACTL),
pulse-width modulation registers (PWMA, PWMB, PWMC, PWMCNT, PWMBUFA,
PWMBUFB), status registers (TFLG1, TFLG2) and interrupt control registers (TMSK1,
TMSK2). Functions of the module configuration register are discussed in 11.3 Special
Modes of Operation and 11.4 Polled and Interrupt-Driven Operation. Other regis-
ter functions are discussed in the appropriate sections.
All registers can be accessed using byte or word operations. Certain capture/compare
registers and pulse-width modulation registers must be accessed by word operations
to ensure coherency. If byte accesses are used to read a register such as the timer
counter register (TCNT), there is a possibility that data in the byte not being accessed
will change while the other byte is read. Both bytes must be accessed at the same
time.
The modmap (MM) bit in the system integration module configuration register
(SIMCR) defines the most significant bit (ADDR23) of the IMB address for each regis-
ter in the MCU. Because the CPU16 drives ADDR[23:20] to the same logic state as
ADDR[19:0], MM must equal one.
GPT BLOCK
PULSE ACCUMULATOR
PWM UNIT
BUS INTERFACE
IMB
CAPTURE/COMPARE UNIT
PRESCALER
IC1/PGP0
IC2/PGP1
IC3/PGP2
PCLK
PWMB
PWMA
PAI
IC4/OC5/OC1/PGP7
OC4/OC1/PGP6
OC3/OC1/PGP5
OC2/OC1/PGP4
OC1/PGP3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com