Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 268 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 268 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 264Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 265Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 266Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 267Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 268Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 269Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 270Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 271Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 272Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 500 page
background image
GENERAL-PURPOSE TIMER
M68HC16 Z SERIES
11-4
USER’S MANUAL
11.3.3 Single-Step Mode
Two bits in GPTMCR support GPT debugging without using BDM. When the STOPP
bit is asserted, the prescaler and the pulse accumulator stop counting and changes at
input pins are ignored. Reads of the GPT pins return the state of the pin when STOPP
was set. After STOPP is set, the INCP bit can be set to increment the prescaler and
clock the input synchronizers once. The INCP bit is self-negating after the prescaler is
incremented. INCP can be set repeatedly. The INCP bit has no effect when the
STOPP bit is not set.
11.3.4 Test Mode
Test mode is used during Freescale factory testing. The GPT has no dedicated test-
mode control register; all GPT testing is done under control of the system integration
module.
11.4 Polled and Interrupt-Driven Operation
Normal GPT function can be polled or interrupt-driven. All GPT functions have an as-
sociated status flag and an associated interrupt. The timer interrupt flag registers
(TFLG1 and TFLG2) contain status flags used for polled and interrupt-driven opera-
tion. The timer mask registers (TMSK1 and TMSK2) contain interrupt control bits. Con-
trol routines can monitor GPT operation by polling the status registers. When an event
occurs, the control routine transfers control to a service routine that handles that event.
If interrupts are enabled for an event, the GPT requests interrupt service when the
event occurs. Using interrupts does not require continuously polling the status flags to
see if an event has taken place. However, to disable the interrupt request, status flags
must be cleared after an interrupt is serviced.
11.4.1 Polled Operation
When an event occurs in the GPT, that event sets a status flag in TFLG1 or TFLG2.
The GPT sets the flags; they cannot be set by the CPU. TFLG1 and TFLG2 are 8-bit
registers that can be accessed individually or as one 16-bit register. The registers are
initialized to zero at reset. Table 11-1 shows status flag assignment.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com