Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 292 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 292 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 288Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 289Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 290Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 291Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 292Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 293Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 294Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 295Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 296Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-8
USER’S MANUAL
Table A-9 20.97-MHz Clock Control Timing
(V
DD
and V
DDSYN
= 5.0 Vdc
± 5%, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
Num
Characteristic
Symbol
Minimum
Maximum
Unit
1
PLL Reference Frequency Range1
MC68HC16Z1
MC68HC16Z2
MC68HC16Z3
NOTES:
1. Refer to notes in Table A-10
fref
20
3.2
3.2
50
5.2
5.2
kHz
MHz
MHz
2
System Frequency2
On-Chip PLL System Frequency
Slow On-Chip PLL System Frequency
Fast On-Chip PLL System Frequency
External Clock Operation
fsys
dc
4 (fref)
4 (fref) /128
dc
20.97
20.97
20.97
20.97
MHz
3
PLL Lock Time1, 7, 8, 9
Changing W or Y in SYNCR or exiting from
LPSTOP3
Warm Start-Up4
Cold Start-Up (fast reference option only)5
tlpll
—20
50
75
ms
4
VCO Frequency6
fVCO
—
2 (fsys max)
MHz
5
Limp Mode Clock Frequency
SYNCR X bit = 0
SYNCR X bit = 1
f
limp
—
—
fsys max /2
fsys max
MHz
6
CLKOUT Jitter1, 7, 8, 9, 10
Short term (5
µs interval)
Long term (500
µs interval)
J
clk
–1.0
–0.5
1.0
0.5
%
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com