Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 294 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 294 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 290Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 291Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 292Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 293Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 294Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 295Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 296Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 297Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 298Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-10
USER’S MANUAL
Table A-11 Low Voltage 16.78-MHz DC Characteristics
(V
DD
and V
DDSYN
= 2.7 to 3.6Vdc, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
Num
Characteristic
Symbol
Min
Max
Unit
1
Input High Voltage
VIH
0.7 (VDD)VDD + 0.3
V
2
Input Low Voltage
VIL
VSS – 0.3
0.2 (VDD)V
3
Input Hysteresis1
VHYS
0.5
—
V
4
Input Leakage Current 2
Vin = VDD or VSS
Input-only pins
Iin
–2.5
2.5
µA
5
High Impedance (Off-State) Leakage Current2
Vin = VDD or VSS
All input/output and output pins
IOZ
–2.5
2.5
µA
6
CMOS Output High Voltage2, 3
IOH = –10.0 µA
Group 1, 2, 4 input/output and output pins
VOH
VDD –0.2
—
V
7
CMOS Output Low Voltage2
IOL = 10.0 µA
Group 1, 2, 4 input/output and output pins
VOL
—
0.2
V
8
Output High Voltage2, 3
IOH = –0.4 mA
Group 1, 2, 4 input/output and output pins
VOH
VDD –0.5
—
V
9
Output Low Voltage2
IOL = 0.8 mA Group 1 I/O pins, CLKOUT, FREEZE/QUOT, IPIPE0
IOL = 2.6 mA Group 2 and group 4 I/O pins, CSBOOT, BG/CS
IOL = 6 mA Group 3
VOL
—
—
—
0.4
0.4
0.4
V
10
Three State Control Input High Voltage
VIHTSC
7.2
9.1
V
11
Data Bus Mode Select Pull-up Current 4
Vin = VIL
Vin = VIH
IMSP
—
–8
–95
—
µA
12
VDD Supply Current
5
Run6
LPSTOP, 4.194 MHz crystal, VCO Off (STSIM = 0)7
LPSTOP, 32.768 kHz crystal, VCO Off (STSIM = 0)7
LPSTOP, external clock input frequency = max fsys
WAIT8
IDD
SIDD
SIDD
SIDD
WIDD
—
—
—
—
50
2
260
3.0
23
mA
mA
µA
mA
mA
13
Clock Synthesizer Operating Voltage
VDDSYN
2.7
3.6
V
14
MC68CM16Z1VDDSYN Supply Current
4
VCO on, crystal reference, maximum fsys
7
External clock, maximum fsys
LPSTOP, 4.194 MHz crystal reference, VCO off (STSIM = 0)7
VDD powered down
IDDSYN
—
—
—
—
2
2.5
2
2
mA
mA
mA
mA
14A
MC68CK16Z1/Z4 VDDSYN Supply Current
4
VCO on, crystal reference, maximum fsys
7
External clock, maximum fsys
LPSTOP, 32.768 kHz crystal reference, VCO off (STSIM = 0)7
32.768 kHz, VDD powered down
IDDSYN
—
—
—
—
655
2.5
150
70
µA
mA
µA
µA
15
RAM Standby Voltage9
Specified VDD applied
VDD = VSS
VSB
0.0
2.7
VDD
3.6
V
16
MC68CK16Z1/Z4 RAM Standby Current4, 9, 10
Normal RAM operation
V
DD
> V
SB
– 0.5 V
Transient condition
V
SB
– 0.5 V
≥ V
DD
≥ V
SS
+
0.5 V
Standby operation
V
DD
< V
SS
+
0.5 V
ISB
—
—
—
10
3
50
µA
mA
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com