Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 297 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 297 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 293Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 294Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 295Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 296Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 297Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 298Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 299Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 300Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 301Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-13
16
MC68HC16Z1 RAM Standby Current12
Normal RAM operation15
VDD > VSB – 0.5 V
Transient condition
VSB − 0.5 V ≥ VDD ≥ VSS + 0.5 V
Standby operation14
VDD < VSS + 0.5 V
ISB
—
—
—
TBD
2.5
50
µA
mA
µA
16A
MC68HC16Z2/Z3 RAM Standby Current12
Normal RAM operation15
VDD > VSB – 0.5 V
Transient condition
VSB − 0.5 V ≥ VDD ≥ VSS + 0.5 V
Standby operation14
VDD < VSS + 0.5 V
ISB
—
—
—
TBD
2.5
100
µA
mA
µA
17
MC68HC16Z1 Power Dissipation16
PD
—
639
mW
17A
MC68HC16Z2/Z3 Power Dissipation16
PD
—
666
mW
18
Input Capacitance3, 7, 13
All input-only pins except ADC pins
All input/output pins
CIN
—
—
10
20
pF
19
Load Capacitance4
Group 1 I/O Pins, CLKOUT, FREEZE/QUOT, IPIPE0
Group 2 I/O Pins and CSBOOT, BG/CS
Group 3 I/O Pins
Group 4 I/O Pins
CL
—
—
—
—
90
100
130
200
pF
NOTES:
1. Refer to notes in Table A-14.
Table A-12 16.78-MHz DC Characteristics (Continued)
(V
DD
and V
DDSYN
= 5.0 Vdc
± 10%, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
Num
Characteristic
Symbol
Min
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com