Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 301 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 301 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 297Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 298Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 299Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 300Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 301Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 302Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 303Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 304Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 305Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 500 page
background image
M68HC16 Z SERIES
ELECTRICAL CHARACTERISTICS
USER’S MANUAL
A-17
16
MC68HC16Z1 RAM Standby Current12
Normal RAM operation15
VDD > VSB – 0.5 V
Transient condition
VSB − 0.5 V ≥ VDD ≥ VSS + 0.5 V
Standby operation14
VDD < VSS + 0.5 V
ISB
—
—
—
10
3
50
µA
mA
µA
16A
MC68HC16Z2/Z3 RAM Standby Current12
Normal RAM operation15
VDD > VSB – 0.5 V
Transient condition
VSB − 0.5 V ≥ VDD ≥ VSS + 0.5 V
Standby operation14
VDD < VSS + 0.5 V
ISB
—
—
—
10
3
100
µA
mA
µA
17
MC68HC16Z1 Power Dissipation16
PD
—
777
mW
17A
MC68HC16Z2/Z3 Power Dissipation16
PD
—
787
mW
18
Input Capacitance3, 7, 13
All input-only pins except ADC pins
All input/output pins
CIN
—
—
10
20
pF
19
Load Capacitance4
Group 1 I/O Pins, CLKOUT, FREEZE/QUOT, IPIPE0
Group 2 I/O Pins and CSBOOT, BG/CS
Group 3 I/O Pins
Group 4 I/O Pins
CL
—
—
—
—
90
100
130
200
pF
NOTES:
1. Applies to :
Port ADA[7:0] — AN[7:0]
Port E[7:4] — SIZ[1:0], AS, DS
Port F[7:0] — IRQ[7:1], MODCLK
Port GP[7:0] — IC4/OC5/OC1, IC[3:1], OC[4:1]/OC1
Port QS[7:0] — TXD, PCS[3:1], PCS0/SS, SCK, MOSI, MISO
BKPT/DSCLK, DSI/IPIPE1, PAI, PCLK, RESET, RXD, TSC
EXTAL (when PLL enabled)
2. This parameter is periodically sampled rather than 100% tested.
3. Applies to all input-only pins except ADC pins.
4. Input-Only Pins: EXTAL, TSC, BKPT/DSCLK, PAI, PCLK, RXD
Input/Output: CSBOOT, BG/CS1, CLKOUT, FREEZE/QUOT, DSO/IPIPE0, PWMA, PWMB
Output-Only Pins:
Group 1: Port GP[7:0] — IC4/OC5/OC1, IC[3:1], OC[4:1]/OC1, DATA[15:0], DSI/IPIPE1
Group 2: Port C[6:0] — ADDR[22:19]/CS[9:6], FC[2:0]/CS[5:3],
Port E[7:0] — SIZ[1:0], AS, DS, AVEC, DSACK[1:0]
Port F[7:0] — IRQ[7:1], MODCLK
Port QS[7:3] — TXD, PCS[3:1], PCS0/SS
ADDR23/CS10/ECLK, ADDR[18:0], R/W, BERR, BR/CS0, BGACK/CS2
Group 3: HALT, RESET
Group 3: MISO, MOSI, SCK
5. Applies to all input/output and output pins.
6. Does not apply to HALT and RESET because they are open drain pins. Does not apply to port QS[7:0]
(TXD, PCS[3:1], PCS0/SS, SCK, MOSI, MISO) in wired-OR mode.
7. Applies to Group 1, 2, 4 input/output and all output pins.
8. Applies to Group 1, 2, 3, 4 input/output pins, BG/CS, CLKOUT, CSBOOT, FREEZE/QUOT, and IPIPE0.
9. Applies to DATA[15:0].
10. Use of an active pulldown device is recommended.
11. Total operating current is the sum of the appropriate IDD, IDDSYN, ISB, and IDDA.
12. Current measured at maximum system clock frequency, all modules active.
Table A-14 25.17-MHz DC Characteristics (Continued)
(V
DD
and V
DDSYN
= 5.0 Vdc
± 5%, V
SS
= 0 Vdc, T
A
= T
L
to T
H)
Num
Characteristic
Symbol
Min
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com