Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMCK16Z4MPV20 Datasheet(PDF) 320 Page - Freescale Semiconductor, Inc

Part # SPMCK16Z4MPV20
Description  M68HC16Z Series
PDF  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPMCK16Z4MPV20 Datasheet(HTML) 320 Page - Freescale Semiconductor, Inc

Back Button SPMCK16Z4MPV20 Datasheet HTML 316Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 317Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 318Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 319Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 320Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 321Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 322Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 323Page - Freescale Semiconductor, Inc SPMCK16Z4MPV20 Datasheet HTML 324Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 500 page
background image
ELECTRICAL CHARACTERISTICS
M68HC16 Z SERIES
A-36
USER’S MANUAL
Figure A-11 Chip-Select Timing Diagram
Figure A-12 Reset and Mode Select Timing Diagram
16 CHIP SEL TIM
6
6
8
11
11
25
53
54
23
55
29A
29
27
46
46
14A
13
15
9
9
12
14
9
18
20
18
S0
S1
S2
S3
S4
S5
S0
S1
S2
S3
S4
S5
14
CLKOUT
ADDR[23:0]
FC[2:0]
SIZ[1:0]
AS
DS
CS
R/W
DATA[15:0]
21
17
17
12
16 RST/MODE SEL TIM
RESET
DATA[15:0],
75
76
77
78
MODCLK,
BKPT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com